Part Number Hot Search : 
CY14B X24F016V BAT54A DSP16 14052BCP 7OSC0462 TC9216P 1N444
Product Description
Full Text Search
 

To Download CSRS065V0P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Capacitance ESD Protection Array
SMD Diodes Specialist
CSRS065V0P
Features
(RoHS Device)
ESD Protect for 4 high-speed I/O channels. IEC61000-4-2 (ESD)14kV(Contact),18kV(Air). IEC61000-4-4 (FET)20A for I/O,80A for Power. Working voltage: 5V Low capacitance:1.3pF(Typ.). High component density.
0.067(1.70) 0.059(1.50) 0.119(3.02) 0.111(2.82)
SOT-23-6
Mechanical data
Case: SOT-23-6 standard package, molded plastic. Terminals: Solder plated, solderable per MIL-STD-750,method 2026. Mounting position: Any Weight: 0.015 gram (approx.).
0.020(0.50) 0.012(0.30)
5
0.004(0.10)max 0.012(0.30)min
0.079(2.00) 0.071(1.80)
0.008(0.20) 0.004(0.10) 0.045(1.15) 0.041(1.05) 0.116(2.95) 0.104(2.65)
Circuit Diagram
1
3
4
6
Dimensions in inches and (millimeter)
2
Pin Configuration
6 5 4
1
2
3
Maximum Rating (at TA=25C unless otherwise noted)
Parameter
Peak pulse current ( tp = 8/20 us) Operating supply voltage ESD per IEC 61000-4-2(Air) ESD per IEC 61000-4-2(Contact) ESD per IEC 61000-4-2(Air)(VDD-GND) ESD per IEC 61000-4-2(Contact)(VDD-GND) Lead soldering temperature Operating temperature Storage temperature DC voltage at any I/O pin
Symbol
IPP VDC ESD ESD_VDD TSOL Tj TSTG VIO
Value
6.5 6 18 14 30 260 ( 10 sec) -55 to +85 -55 to +125 (GND -0.5) to (VDD +0.5)
Unit
A V kV kV C C C V
REV:C
QW-BP018
Page 1
Comchip Technology CO., LTD.
Low Capacitance ESD Protection Array
SMD Diodes Specialist
Electrical Characteristics (at TA=25C unless otherwise noted)
Parameter
Reverse stand-Off voltage Reverse leakage current VPIN 5 = 5 V, VPIN 2 =0V ,VIO = 0~5V Diode breakdown voltage Forward voltage IR = 1 mA, Pin 5 to Pin 2 IF = 15 mA, Pin 2 to Pin 5 IPP = 5 A, tp=8/20us, Any Channel Pin to Ground Clamping voltage IEC 61000-4-2 +6kV,Contact mode Any Channel Pin to Ground IEC 61000-4-2 +6kV,Contact moed VDD Pin to Ground Vpin5 = 5V,Vpin2= 0V, VIO=2.5V, f = 1MHz,Any Channel Pin to Ground Vpin5 = 5V,Vpin2= 0V, VIO=2.5V f = 1MHz,Between Channel Pins Vpin5 = 5V,Vpin2= 0V, VIN=2.5V f = 1MHz,Channel_x pin to ground channel_y pin to ground VC VBD VF 6 0.8 8.1
Conditions
Pin 5 to Pin 2 VRWM = 5 V, Pin 5 to Pin 2
Symbol Min Typ Max Unit
VRWM IR 1 9 1 9 V V 5 5 uA V
12.5
V
9
1.3
1.6
Junction capacitance
Cj
0.12
0.14
pF
0.05
0.07
REV:C
QW-BP018
Page 2
Comchip Technology CO., LTD.
Low Capacitance ESD Protection Array
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CSRS065V0P)
Fig. 1 - Power derating curve
110 100 12 11 10
Fig. 2 - Clamping voltage vs. Peak pulse current
% of Rated power or IPP
90
Clamping voltage ( V )
80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 150
9 8 7 6 5 4 3 2 1 0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 I/O pin to GND PIN Waveform Parameters: tr=8us td=20us
Ambient temperature (C)
Peak pulse current (A)
Fig.3 - Forward voltage v.s. forward current
4.0 3.5
Fig.4 - Typical variation of CIN v.s. VIN
2.0 1.8 1.6
Input capacitance(pF)
3.0
Forward voltage (V)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 VDD =5V,GND =0V,f =1MHz,TA=25C
2.5 2.0 1.5 1.0 0.5 0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 I/O pin to GND PIN Waveform Parameters: tr=8us td=20us
0
1
2
3
4
5
Peak pulse current(A)
Input voltage (V)
Fig. 5 - Typical variation of CIN v.s. temperature
Transmission line pulsing(TLP)current(A)
1.50 1.45 1.40 18 16 14 12 10 8 6 4 2 0
Fig. 6 - Transmission line pulsing (TLP) measurement
Transmission line pulsing(TLP)current(A)
18 16 14
Fig.7 -Transmission line pulsing (TLP) measurement
Input capacitance(pF)
V_pulse Pulse from a transmission line TLP_I
V_pulse
1.35 1.30 1.25 1.20 1.15 1.10 1.05 1.00 20 40 60 80 100 120 VDD =5V,GND =0V,VIN =2.5V f=1MHz
12 10 8 6 4 2 0 0
Pulse from a transmission line TLP_I
100ns
+ TLP_V DUT
100ns
+ TLP_V DUT
I/O to GND
VDD to GND
0
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
10
Temperature (C)
Transmission line pulsing(TLP)voltage(V)
Transmission line pulsing(TLP)voltage(V)
REV:C
QW-BP018
Page 3
Comchip Technology CO., LTD.
Low Capacitance ESD Protection Array
SMD Diodes Specialist
Reel Taping Specification
P0 P1 d Index hole E T
F B P A
W C
12 0
o
D2
D1 D
W1
Trailer ....... .......
10 pitches (min)
Device ....... ....... ....... .......
Leader ....... .......
10 pitches (min)
End
Start
Direction of Feed
SYMBOL
A
3.17 0.10
0.124 0.004
B
3.23 0.10
0.127 0.004
C
1.37 0.10
0.054 0.004
d
1.55 0.10
0.061 0.004
D
178 1
7.008 0.040
D1
50.0 MIN.
1.969 MIN.
D2
13.0 0.20
0.512 0.008
SOT-23-6
(mm) (inch)
SYMBOL
E
1.75 0.10
0.069 0.004
F
3.50 0.05
0.138 0.002
P
4.00 0.10
0.157 0.004
P0
4.00 0.10
0.157 0.004
P1
2.00 0.05
0.079 0.002
W
8.00 0.30
0.315 0.012
W1
14.4 MAX.
0.567 MAX
SOT-23-6
(mm) (inch)
REV:C
QW-BP018
Page 4
Comchip Technology CO., LTD.
Low Capacitance ESD Protection Array
SMD Diodes Specialist
Marking Code
6 5 4
Part Number CSRS065V0P
Marking Code
C05
.
1
C05
2 3
Suggested PAD Layout
C
SOT-23-6 SIZE (mm) A B C D E 1.10 0.60 0.95 2.50 3.60 (inch) 0.043
D E A
0.024 0.037 0.098 0.142
B
Standard Package
Qty per Reel Case Type (Pcs) SOT-23-6 3000 Reel Size (inch) 7
REV:C
QW-BP018
Page 5
Comchip Technology CO., LTD.


▲Up To Search▲   

 
Price & Availability of CSRS065V0P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X